| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about GD25WD80CEFG Datasheet
# Example questions:
➢ What is the purpose of the write in progress (wip) bit, and how can it be monitored during operations like page program (pp)?
➢ What must happen *before* issuing a page program (pp) command?
➢ How does the device handle programming data that exceeds the end of a page during a page program (pp) operation?
1. Overview & Purpose
️· Device: GD25WD80C (Flash Memory)
️· Purpose: This document details the various commands and operations for interacting with this flash memory device. It describes the sequences needed to read, write, and manage the device's status.
2. Key Concepts & Terms
️· WEL (Write Enable Latch): A flag that must be set to '1' *before* any write operations (Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register) can be executed. A Write Enable (WREN) command sets this bit. A Write Disable (WRDI) command resets it.
️· WIP (Write In Progress): A bit in the Status Register that indicates whether a write operation (Program, Erase, Write Status Register) is currently in progress. It's '1' during the operation and '0' when complete. You should check this bit before initiating another write command.
️· SRP (Status Register Protect): A bit that, when set, puts the device into "Hardware Protected Mode" (HPM). In HPM, the Status Register can *not* be written.
️· HPM (Hardware Protected Mode): A protection mode where the Status Register is read-only.
️· Page: The unit of data programming for the `Page Program` command.
3. Command Summary
| Command | Opcode (Hex) | Description | Requires WEL? |
|---|---|---|---|
| Write Enable (WREN) | 06 | Sets the Write Enable Latch (WEL) to 1. | N/A |
| Write Disable (WRDI) | 04 | Resets the Write Enable Latch (WEL) to 0. | N/A |
| Read Status Register (RDSR) | 05 | Reads the Status Register. | No |
| Write Status Register (WRSR) | 01 | Writes to the Status Register. Allows modification of Block Protect bits and SRP. Cannot be executed in HPM. | Yes |
| Read Data Bytes (READ) | 03 | Reads data from memory, starting at a specified address. Automatically increments address after each byte read. | No |
| Fast Read | 0B | Reads data quickly, starting at a specified address. Automatically increments address. | No |
| Dual Output Fast Read | 3B | Reads data quickly, outputting 2 bits per clock cycle. Automatically increments address. | No |
| Page Program (PP) | 02 | Programs a page of memory. | Yes |
| Operation Code | M7-M0 | ID15-ID8 | ID7-ID0 |
|---|---|---|---|
| 9FH | C8 | 64 | 14 |
| 90H | C8 | 13 | |
| ABH | 13 |
1. Overview & Purpose
️· Device: GD25WD80C (Flash Memory)
️· Purpose: This document details the various commands and operations for interacting with this flash memory device. It describes the sequences needed to read, write, and manage the device's status.
2. Key Concepts & Terms
️· WEL (Write Enable Latch): A flag that must be set to '1' *before* any write operations (Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register) can be executed. A Write Enable (WREN) command sets this bit. A Write Disable (WRDI) command resets it.
️· WIP (Write In Progress): A bit in the Status Register that indicates whether a write operation (Program, Erase, Write Status Register) is currently in progress. It's '1' during the operation and '0' when complete. You should check this bit before initiating another write command.
️· SRP (Status Register Protect): A bit that, when set, puts the device into "Hardware Protected Mode" (HPM). In HPM, the Status Register can *not* be written.
️· HPM (Hardware Protected Mode): A protection mode where the Status Register is read-only.
️· Page: The unit of data programming for the `Page Program` command.
3. Command Summary
| Command | Opcode (Hex) | Description | Requires WEL? |
|---|---|---|---|
| Write Enable (WREN) | 06 | Sets the Write Enable Latch (WEL) to 1. | N/A |
| Write Disable (WRDI) | 04 | Resets the Write Enable Latch (WEL) to 0. | N/A |
| Read Status Register (RDSR) | 05 | Reads the Status Register. | No |
| Write Status Register (WRSR) | 01 | Writes to the Status Register. Allows modification of Block Protect bits and SRP. Cannot be executed in HPM. | Yes |
| Read Data Bytes (READ) | 03 | Reads data from memory, starting at a specified address. Automatically increments address after each byte read. | No |
| Fast Read | 0B | Reads data quickly, starting at a specified address. Automatically increments address. | No |
| Dual Output Fast Read | 3B | Reads data quickly, outputting 2 bits per clock cycle. Automatically increments address. | No |
| Page Program (PP) | 02 | Programs a page of memory. | Yes |
| Operation Code | M7-M0 | ID15-ID8 | ID7-ID0 |
|---|---|---|---|
| 9FH | C8 | 64 | 14 |
| 90H | C8 | 13 | |
| ABH | 13 |
| Part No. | GD25WD80CEFG |
| Manufacturer | GIGADEVICE |
| Size | 883 Kbytes |
| Pages | 47 pages |
| Description | Uniform Sector Standard and Dual Serial Flash |