1. Core Functionality & Status Register Overview
️· The GD25VQ64C is a flash memory device.
️· It has a Status Register that controls and indicates various aspects of its operation.
2. Key Status and Control Bits (Status Register)
Let's categorize them for easier understanding:
a) Programming/Erasing Status:
️· WIP (Write In Progress): Indicates if the device is currently busy with a programming, erasing, or status register write operation. `1` = Busy, `0` = Idle.
️· WEL (Write Enable Latch): `1` = Write Enable Latch is set (device is writable), `0` = Write Enable Latch is cleared (device is read-only).
b) Block Protection (Software Protection)
️· BP4, BP3, BP2, BP1, BP0 (Block Protect): These bits define a software-protected area of the memory. When set to `1`, specific memory blocks are protected from Program and Erase commands. The exact protected areas are defined in Tables 1 and 2.
️· CMP (Compare): This bit is crucial for determining the exact software protection area. Its value, in conjunction with the Block Protect bits, dictates what portions of memory are protected.
c) Status Register Protection (Hardware & OTP)
️· SRP1, SRP0 (Status Register Protect): These bits control *how* the Status Register itself can be modified. They offer multiple protection modes:
- Software Protected (0,0): Default mode - Status Register can be written to after a Write Enable command (`WEL=1`).
- Hardware Protected (0,1) & WP#=0: The Status Register is locked and cannot be written to when the hardware protection pin (WP#) is low.
- Hardware Unprotected (0,1) & WP#=1: The Status Register can be written to after a Write Enable command, when WP# is high.
- Power Supply Lock-Down (1,0): Status Register is permanently protected until the device is powered down and up again.
- One-Time Programmable (1,1): Status Register is permanently protected (cannot be modified).
3. Block Protection Tables (Simplified)
These tables (Tables 1 & 2 in the original document) describe the memory regions affected by the BP bits, depending on the value of the CMP bit. It's important to refer to those tables for the *exact* memory areas affected. They detail the size of the protected zones.
Key Takeaways & Important Notes
️· CMP is Essential: The CMP bit significantly changes the meaning of the Block Protect bits. You *must* know the CMP value to correctly interpret the protected memory regions.
️· Hardware Protection: The WP# pin provides hardware-based protection of the Status Register.
️· Permanent Protection: The Power Supply Lock-Down and One-Time Programmable modes provide permanent protection that requires specific power cycling or design choices to overcome.
️· Always Refer to Tables: When implementing memory protection, *carefully* consult the Block Protection tables to accurately determine which areas are affected.