| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about GD25VE40CSIG Datasheet
# Example questions:
➢ What happens when the 'wip' bit in the status register is set to '1'?
➢ Explain the purpose of the 'cmp' bit in the status register and how it interacts with the 'bp4-bp0' bits for memory protection.
➢ Describe the difference between 'hardware protected' and 'power supply lock-down' modes as defined by the 'srp1' and 'srp0' bits, and what conditions trigger each mode.
1. Overview & Capabilities:
️· Memory Type: Flash memory (likely NAND, although specifics aren't stated)
️· Operations: Supports Program, Erase, and Write Status Register commands.
️· Quad Mode: Allows Quad SPI operation (IO2 and IO3) based on the QE (Quad Enable) bit in the Status Register.
️· High Performance Mode: The HPF bit indicates if the device is in High Performance Mode (details of this mode aren't provided).
2. Key Commands & Their Implications:
️· Write Status Register (WRSR): Used to modify the status register. Critical for enabling/disabling protections and modifying operational modes.
️· Erase/Program Suspend (75H): Temporarily halts erase or program operations.
️· Erase/Program Resume (7AH): Resumes the suspended erase or program operation.
️· Software Reset (66H+99H): Resets the device (clears SUS bit).
️· Chip Erase (CE): Erases the entire memory array.
3. Status Register (SR) – Detailed Breakdown:
| Bit | Name | Description | Read/Write | Volatile/Non-Volatile |
|---|---|---|---|---|
| S15 | SUS | Erase/Program Suspend status. Set by 75H, cleared by 7AH, reset, or power cycle. | Read-Only | Volatile |
| S14 | CMP | Complement Memory Protection. Affects the scope of Block Protection. | Read/Write | Non-Volatile |
| S13 | HPF | High Performance Flag. Indicates if the device is in High Performance Mode. | Read-Only | Volatile |
| S12 | Reserved | Reserved bit (not used). | N/A | N/A |
| S11 | Reserved | Reserved bit (not used). | N/A | N/A |
| S10 | LB | OTP (One-Time Programmable) bit. Locks Security Registers. | Read/Write | Non-Volatile |
| S9 | QE | Quad Enable. Enables Quad SPI and affects WP# and HOLD# pin functionality. | Read/Write | Non-Volatile |
| S8 | SRP1 | Status Register Protect 1. Part of the SRP mechanism for protecting the status register. | Read/Write | Non-Volatile |
| S7 | SRP0 | Status Register Protect 0. Part of the SRP mechanism for protecting the status register. | Read/Write | Non-Volatile |
| S6 | BP4 | Block Protect 4. Software protection area definition. | Read/Write | Non-Volatile |
| S5 | BP3 | Block Protect 3. Software protection area definition. | Read/Write | Non-Volatile |
| S4 | BP2 | Block Protect 2. Software protection area definition. | Read/Write | Non-Volatile |
| S3 | BP1 | Block Protect 1. Software protection area definition. | Read/Write | Non-Volatile |
| S2 | BP0 | Block Protect 0. Software protection area definition. | Read/Write | Non-Volatile |
| S1 | WEL | Write Enable Latch. Enables write operations. | Read/Write | Volatile |
| S0 | WIP | Write In Progress. Indicates if a write operation is in progress. | Read-Only | Volatile |
1. Overview & Capabilities:
️· Memory Type: Flash memory (likely NAND, although specifics aren't stated)
️· Operations: Supports Program, Erase, and Write Status Register commands.
️· Quad Mode: Allows Quad SPI operation (IO2 and IO3) based on the QE (Quad Enable) bit in the Status Register.
️· High Performance Mode: The HPF bit indicates if the device is in High Performance Mode (details of this mode aren't provided).
2. Key Commands & Their Implications:
️· Write Status Register (WRSR): Used to modify the status register. Critical for enabling/disabling protections and modifying operational modes.
️· Erase/Program Suspend (75H): Temporarily halts erase or program operations.
️· Erase/Program Resume (7AH): Resumes the suspended erase or program operation.
️· Software Reset (66H+99H): Resets the device (clears SUS bit).
️· Chip Erase (CE): Erases the entire memory array.
3. Status Register (SR) – Detailed Breakdown:
| Bit | Name | Description | Read/Write | Volatile/Non-Volatile |
|---|---|---|---|---|
| S15 | SUS | Erase/Program Suspend status. Set by 75H, cleared by 7AH, reset, or power cycle. | Read-Only | Volatile |
| S14 | CMP | Complement Memory Protection. Affects the scope of Block Protection. | Read/Write | Non-Volatile |
| S13 | HPF | High Performance Flag. Indicates if the device is in High Performance Mode. | Read-Only | Volatile |
| S12 | Reserved | Reserved bit (not used). | N/A | N/A |
| S11 | Reserved | Reserved bit (not used). | N/A | N/A |
| S10 | LB | OTP (One-Time Programmable) bit. Locks Security Registers. | Read/Write | Non-Volatile |
| S9 | QE | Quad Enable. Enables Quad SPI and affects WP# and HOLD# pin functionality. | Read/Write | Non-Volatile |
| S8 | SRP1 | Status Register Protect 1. Part of the SRP mechanism for protecting the status register. | Read/Write | Non-Volatile |
| S7 | SRP0 | Status Register Protect 0. Part of the SRP mechanism for protecting the status register. | Read/Write | Non-Volatile |
| S6 | BP4 | Block Protect 4. Software protection area definition. | Read/Write | Non-Volatile |
| S5 | BP3 | Block Protect 3. Software protection area definition. | Read/Write | Non-Volatile |
| S4 | BP2 | Block Protect 2. Software protection area definition. | Read/Write | Non-Volatile |
| S3 | BP1 | Block Protect 1. Software protection area definition. | Read/Write | Non-Volatile |
| S2 | BP0 | Block Protect 0. Software protection area definition. | Read/Write | Non-Volatile |
| S1 | WEL | Write Enable Latch. Enables write operations. | Read/Write | Volatile |
| S0 | WIP | Write In Progress. Indicates if a write operation is in progress. | Read-Only | Volatile |
| Part No. | GD25VE40CSIG |
| Manufacturer | GIGADEVICE |
| Size | 1Mb |
| Pages | 55 pages |
| Description | Uniform Sector Dual and Quad Serial Flash |