công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25S513MDBFR
MfrGIGADEVICE
Size1Mb
Pages94 pages
Description3.3V Uniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
Key Information & Summary Points:

️· Device: GD25S513MD (likely a flash memory chip, possibly a SPI NOR flash)
️· Memory Capacity: Not explicitly stated, but implied to be in the range of 32MB (based on protection area descriptions).
️· Interface: Supports Standard SPI, Dual SPI, Quad SPI, and DTR Quad SPI.
️· Data Protection:
- Write Enable (WREN) command enables writing.
- Software Protection: Block Protect (BP3, BP2, BP1, BP0) and Top Bottom (TB) bits control protected areas. Tables show various block ranges that can be protected.
- Deep Power-Down Mode disables all commands except Release and Software Reset.
️· ECC (Error Correction Code): Provides single-error correction (SEC) and double-error detection (DED). ECS# pin indicates ECC events.
️· QE Bit: QE bit is set to 1 and cannot be changed.

Concise Summary:

The GD25S513MD is a flash memory device supporting various SPI interfaces (Standard, Dual, Quad, and DTR Quad). It offers multiple data protection mechanisms including write enable control, software-defined block protection, and a deep power-down mode. ECC functionality provides data integrity with SEC and DED capabilities, indicated by the ECS# pin. The QE bit is fixed at 1. Its memory capacity appears to be around 32MB.
GD25S513MDBFR Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25S513MDBFR Datasheet.
    Example questions: ➤ Explain the function of the ecc correction signal (ecs#) pin and how it relates to error detection during read operations.➤ What are the four spi modes supported by the gd25s513md?➤ What memory area is protected when the status register is configured with tb=1, bp3=0, bp2=1, bp1=0, and bp0=0?
  • Datasheet Details
    Part No.GD25S513MDBFR
    ManufacturerGIGADEVICE
    Size1Mb
    Pages94 pages
    Description3.3V Uniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    Key Information & Summary Points:

    ️· Device: GD25S513MD (likely a flash memory chip, possibly a SPI NOR flash)
    ️· Memory Capacity: Not explicitly stated, but implied to be in the range of 32MB (based on protection area descriptions).
    ️· Interface: Supports Standard SPI, Dual SPI, Quad SPI, and DTR Quad SPI.
    ️· Data Protection:
    - Write Enable (WREN) command enables writing.
    - Software Protection: Block Protect (BP3, BP2, BP1, BP0) and Top Bottom (TB) bits control protected areas. Tables show various block ranges that can be protected.
    - Deep Power-Down Mode disables all commands except Release and Software Reset.
    ️· ECC (Error Correction Code): Provides single-error correction (SEC) and double-error detection (DED). ECS# pin indicates ECC events.
    ️· QE Bit: QE bit is set to 1 and cannot be changed.

    Concise Summary:

    The GD25S513MD is a flash memory device supporting various SPI interfaces (Standard, Dual, Quad, and DTR Quad). It offers multiple data protection mechanisms including write enable control, software-defined block protection, and a deep power-down mode. ECC functionality provides data integrity with SEC and DED capabilities, indicated by the ECS# pin. The QE bit is fixed at 1. Its memory capacity appears to be around 32MB.