công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25Q32CPEG
MfrGIGADEVICE
Size1Mb
Pages76 pages
Description3.3V Uniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. Chip Overview:

️· Type: 3.3V Uniform Sector Serial Flash Memory
️· Functionality: Allows for program, erase, and write status register operations.

2. Status Register Breakdown:

The Status Register contains several important bits that control chip behavior. Here's a summary of the key bits:

️· WIP (Write In Progress): Indicates if the chip is currently busy with a write/erase/program operation. (1 = Busy, 0 = Idle)
️· WEL (Write Enable Latch): Controls whether the chip accepts Write Status Register, Program, or Erase commands. (1 = Enabled, 0 = Disabled)
️· BP4-BP0 (Block Protect): Non-volatile bits that define a software-protected region of memory. When set, prevent Program and Erase commands within that region.
️· SRP1, SRP0 (Status Register Protect): Non-volatile bits that provide protection against accidental modification of the Status Register itself. They determine *how* the status register can be written. The modes are:
- Software Protected: Status Register can be written after a Write Enable command (WEL = 1). (Default)
- Hardware Protected: Status Register is locked when WP# (Write Protect) is low.
- Hardware Unprotected: Status Register can be written when WEL=1 and WP#=1.

3. Block Protection and Erase Commands:

️· BP bits define the size of a software-protected region.
️· CE (Chip Erase) commands are executed based on the BP bits and the CMP (Compare) bit in the Status Register. The CMP bit dictates which configuration is used for block protection and chip erase.

4. CMP Bit Significance

The CMP bit in the status register dictates the manner in which BP bits are interpreted:

️· CMP = 0: Uses one table for Block Protection (Table 1)
️· CMP = 1: Uses another table for Block Protection (Table 1.1)

Important Considerations:

️· Write Protect (WP#): The description mentions WP#, but doesn't explicitly define what it is. It's likely an external pin that, when low, puts the chip in a hardware-protected state (cannot modify the status register). (This is a common feature in flash memory.)
️· Tables 1 & 1.1: These tables (provided in the excerpt) are *essential* for understanding the impact of the BP bits. They map the BP bit configuration to specific memory regions that are protected. These tables define the protected regions based on the value of CMP.
️· Read these tables carefully. The region is protected depending on CMP value.
GD25Q32CPEG Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25Q32CPEG Datasheet.
    Example questions: ➤ What does the wip bit in the status register indicate?➤ Explain how the block protect (bp4-bp0) bits and the cmp bit interact to determine if the chip erase (ce) command can be executed.➤ What are the different protection methods available via the srp1 and srp0 bits, and what condition must be met for software protection to be active?
  • Datasheet Details
    Part No.GD25Q32CPEG
    ManufacturerGIGADEVICE
    Size1Mb
    Pages76 pages
    Description3.3V Uniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. Chip Overview:

    ️· Type: 3.3V Uniform Sector Serial Flash Memory
    ️· Functionality: Allows for program, erase, and write status register operations.

    2. Status Register Breakdown:

    The Status Register contains several important bits that control chip behavior. Here's a summary of the key bits:

    ️· WIP (Write In Progress): Indicates if the chip is currently busy with a write/erase/program operation. (1 = Busy, 0 = Idle)
    ️· WEL (Write Enable Latch): Controls whether the chip accepts Write Status Register, Program, or Erase commands. (1 = Enabled, 0 = Disabled)
    ️· BP4-BP0 (Block Protect): Non-volatile bits that define a software-protected region of memory. When set, prevent Program and Erase commands within that region.
    ️· SRP1, SRP0 (Status Register Protect): Non-volatile bits that provide protection against accidental modification of the Status Register itself. They determine *how* the status register can be written. The modes are:
    - Software Protected: Status Register can be written after a Write Enable command (WEL = 1). (Default)
    - Hardware Protected: Status Register is locked when WP# (Write Protect) is low.
    - Hardware Unprotected: Status Register can be written when WEL=1 and WP#=1.

    3. Block Protection and Erase Commands:

    ️· BP bits define the size of a software-protected region.
    ️· CE (Chip Erase) commands are executed based on the BP bits and the CMP (Compare) bit in the Status Register. The CMP bit dictates which configuration is used for block protection and chip erase.

    4. CMP Bit Significance

    The CMP bit in the status register dictates the manner in which BP bits are interpreted:

    ️· CMP = 0: Uses one table for Block Protection (Table 1)
    ️· CMP = 1: Uses another table for Block Protection (Table 1.1)

    Important Considerations:

    ️· Write Protect (WP#): The description mentions WP#, but doesn't explicitly define what it is. It's likely an external pin that, when low, puts the chip in a hardware-protected state (cannot modify the status register). (This is a common feature in flash memory.)
    ️· Tables 1 & 1.1: These tables (provided in the excerpt) are *essential* for understanding the impact of the BP bits. They map the BP bit configuration to specific memory regions that are protected. These tables define the protected regions based on the value of CMP.
    ️· Read these tables carefully. The region is protected depending on CMP value.