1. Overview & Key Features ️· Memory Type: Serial Flash (SPI)
️· Density: 8Mb (Minimum)
️· Organization:
- 8,192 x 1,024 (8Mb)
- Divided into 64 Sectors of 32KB each
- Sector size can be programmed as 4KB or 32KB.
️· SPI Interface: Supports Standard SPI Mode (0, 1, 3, 4).
️· Operating Voltage: 2.3V - 3.6V
️· Quad SPI Mode: Supports Quad SPI for faster data transfer rates (when QE bit is set).
️· JEDEC Standard: Compliant with JEDEC SPI NOR Flash standards.
️· Security: Hardware and software protection features available.
️· Enhanced Reliability: Features for error correction and data integrity.
2. Block Diagram (Implied)Although no explicit diagram is provided, we can infer:
️· SPI Interface: Standard SPI interface for communication.
️· Flash Memory Array: Contains the 8Mb of flash memory.
️· Status/Control Registers: Contains the status and control bits described in detail below.
️· Command Set Logic: Handles SPI commands and internal operations (program, erase, read, write status).
️· Quad SPI Logic: Enables quad SPI mode if QE is set.
3. Detailed Status Register Information (S15-S0)Let's break down each bit. Crucially, read this carefully for how each bit impacts functionality.
| Bit |
Name |
Description |
Read/Write |
Default |
| S15 |
SUS |
Erase/Program Suspend. Set by Erase/Program Suspend command. Cleared by Resume command, software reset, or power cycle. (Read-Only) |
Read Only |
0 |
| S14 |
CMP |
Memory Protection Mode. Used with BP bits to control protection. Default: 0. |
Read/Write |
0 |
| S13 |
HPF |
High Performance Flag. Indicates High Performance Mode. (Read-Only) |
Read Only |
0 |
| S12 |
Reserved |
Reserved for future use. (Should be written as 0) |
Read/Write |
0 |
| S11 |
Reserved |
Reserved for future use. (Should be written as 0) |
Read/Write |
0 |
| S10 |
LB |
Security Register Lock Bit. One-time programmable. Locks Security Registers. |
Read/Write |
0 |
| S9 |
QE |
Quad Enable. Enables Quad SPI operation. Also enables/disables WP# and HOLD#. |
Read/Write |
0 |
| S8 |
SRP1 |
Status Register Protection 1. Controls write protection of the Status Register. |
Read/Write |
0 |
| S7 |
SRP0 |
Status Register Protection 0. Controls write protection of the Status Register. |
Read/Write |
0 |
| S6 |
BP4 |
Block Protect 4. Software protection bit. |
Read/Write |
0 |
| S5 |
BP3 |
Block Protect 3. Software protection bit. |
Read/Write |
0 |
| S4 |
BP2 |
Block Protect 2. Software protection bit. |
Read/Write |
0 |
| S3 |
BP1 |
Block Protect 1. Software protection bit. |
Read/Write |
0 |
| S2 |
BP0 |
Block Protect 0. Software protection bit. |
Read/Write |
0 |
| S1 |
WEL |
Write Enable Latch. Enables write operations. |
Read/Write |
0 |
| S0 |
WIP |
Write In Progress. Indicates if a write operation is in progress. |
Read Only |
0 |
Important Status Register Notes: ️· SRP (Status Register Protection): Critical for protecting the status register from accidental or unauthorized modification. Read the table in the datasheet carefully to understand the different protection modes.
️· CMP (Memory Protection Mode): Changes how the Block Protect bits (BP0-BP4) control memory protection.
️· QE (Quad Enable): Enabling this changes the flash memory’s operation.
️· LB (Security Register Lock): Locks the security registers, making them read-only.
️· WIP (Write In Progress): Must be 0 before initiating a new write operation.
This summary provides a comprehensive overview of the GD25Q20C. Always refer to the official datasheet for the most accurate and detailed information.