công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25LR128DSIS
MfrGIGADEVICE
Size1Mb
Pages68 pages
Description1.8V Uniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. Memory Organization & Capacity:

️· The document refers to a GD25LR128, which implies a 128Mb (Megabit) flash memory.
️· The flash is organized into sectors (likely 4KB sectors, although the specific details are not explicitly stated).

2. Key Features & Commands:

️· Quad Operation: Supports quad I/O for faster data transfer. The QE (Quad Enable) bit in the status register enables this (and is permanently set to 1).
️· Program/Erase Suspend/Resume: Supports suspending and resuming program/erase operations (using commands 75H and 7AH respectively). SUS1 and SUS2 bits in the status register indicate the state (Program/Erase Suspend).
️· Write Status Register (WRSR): Used to modify the status register, including setting BP (Block Protect) bits.
️· Page Program (PP), Sector Erase (SE), Block Erase (BE): Standard programming and erase commands.
️· Write Enable Latch (WEL): Controls whether programming/erasing is allowed.
️· Write in Progress (WIP): Indicates if the memory is busy.

3. Status Register (Important Details):

️· BP4-BP0 (Block Protect): Non-volatile bits that define software-protected areas. These work in conjunction with the CMP bit.
️· CMP (Compare): A non-volatile bit that modifies the behavior of the BP bits.
️· SRP1, SRP0 (Status Register Protection): Control how the status register can be modified.
- 0,X: Software protected (default).
- 1,0: Power Supply Lock-Down (requires power cycle to reset).
- 1,1: One-Time Programmable (permanent protection, requires special order).
️· QE (Quad Enable): Permanently set to 1.
️· LB3, LB2, LB1: One-Time Programmable bits, used to control access to Security Registers.
️· SUS1, SUS2: Indicate program/erase suspend status.

4. Memory Protection Schemes:

️· Software Protection (BP bits and CMP): Provides flexible protection of memory blocks. The specific protected areas depend on the configuration of the BP bits and the CMP bit. Tables 1 and 2 detail these configurations.
️· Power Supply Lock-Down: Makes the status register read-only until a power cycle.
️· One-Time Programmable (OTP): Permanently locks the status register.

5. Key takeaways

️· The GD25LR128 offers both flexible and permanent memory protection options.
️· The status register plays a crucial role in controlling memory operations and security.
️· Understanding the interaction of the BP bits and CMP bit is essential for configuring memory protection.
GD25LR128DSIS Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25LR128DSIS Datasheet.
    Example questions: ➤ What does the 'wip' bit in the status register indicate, and what does it signify when set to '1'?➤ What happens when the srp1 and srp0 bits are set to (1,0)?➤ Explain how the block protect (bp4-bp0) bits and the cmp bit work together to control memory protection. refer to the provided text.
  • Datasheet Details
    Part No.GD25LR128DSIS
    ManufacturerGIGADEVICE
    Size1Mb
    Pages68 pages
    Description1.8V Uniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. Memory Organization & Capacity:

    ️· The document refers to a GD25LR128, which implies a 128Mb (Megabit) flash memory.
    ️· The flash is organized into sectors (likely 4KB sectors, although the specific details are not explicitly stated).

    2. Key Features & Commands:

    ️· Quad Operation: Supports quad I/O for faster data transfer. The QE (Quad Enable) bit in the status register enables this (and is permanently set to 1).
    ️· Program/Erase Suspend/Resume: Supports suspending and resuming program/erase operations (using commands 75H and 7AH respectively). SUS1 and SUS2 bits in the status register indicate the state (Program/Erase Suspend).
    ️· Write Status Register (WRSR): Used to modify the status register, including setting BP (Block Protect) bits.
    ️· Page Program (PP), Sector Erase (SE), Block Erase (BE): Standard programming and erase commands.
    ️· Write Enable Latch (WEL): Controls whether programming/erasing is allowed.
    ️· Write in Progress (WIP): Indicates if the memory is busy.

    3. Status Register (Important Details):

    ️· BP4-BP0 (Block Protect): Non-volatile bits that define software-protected areas. These work in conjunction with the CMP bit.
    ️· CMP (Compare): A non-volatile bit that modifies the behavior of the BP bits.
    ️· SRP1, SRP0 (Status Register Protection): Control how the status register can be modified.
    - 0,X: Software protected (default).
    - 1,0: Power Supply Lock-Down (requires power cycle to reset).
    - 1,1: One-Time Programmable (permanent protection, requires special order).
    ️· QE (Quad Enable): Permanently set to 1.
    ️· LB3, LB2, LB1: One-Time Programmable bits, used to control access to Security Registers.
    ️· SUS1, SUS2: Indicate program/erase suspend status.

    4. Memory Protection Schemes:

    ️· Software Protection (BP bits and CMP): Provides flexible protection of memory blocks. The specific protected areas depend on the configuration of the BP bits and the CMP bit. Tables 1 and 2 detail these configurations.
    ️· Power Supply Lock-Down: Makes the status register read-only until a power cycle.
    ️· One-Time Programmable (OTP): Permanently locks the status register.

    5. Key takeaways

    ️· The GD25LR128 offers both flexible and permanent memory protection options.
    ️· The status register plays a crucial role in controlling memory operations and security.
    ️· Understanding the interaction of the BP bits and CMP bit is essential for configuring memory protection.