công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25LH16CVIG
MfrGIGADEVICE
Size1Mb
Pages62 pages
Description1.8V Uniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. General Overview (and purpose of document)

️· This document is a technical reference for the GD25LH16C flash memory. It details its functionality, status register, and protection mechanisms.

2. Key Features & Operational Modes

️· Quad Operation: The memory can operate in either single/dual/quad I/O mode, controlled by the "QE" bit in the Status Register.
️· Non-Volatile: Certain status register bits (BP4-BP0, SRP1/SRP0, CMP, LB3/LB2/LB1) are non-volatile, meaning they retain their value even when power is removed.
️· Write Protection: The memory incorporates multiple levels of write protection, allowing for controlled access to different memory areas.
️· Erase Suspend / Program Suspend: The memory supports suspend commands to pause erase and program operations.

3. Status Register (Detailed Explanation)

The document provides a thorough breakdown of each bit in the Status Register. Here's a condensed summary, with key implications:

️· WIP (Write In Progress): Indicates if the device is busy with a write, program, or erase operation.
️· WEL (Write Enable Latch): Controls whether the memory can accept write commands. Must be set (WEL=1) to allow writes.
️· BP4-BP0 (Block Protect): Define software protection areas. When set, specified memory blocks are protected from programming and erasing.
️· SRP1/SRP0 (Status Register Protect): Provide multiple levels of write protection for the *status register itself*. Options include:
- Software Protection (default).
- Hardware Protection (controlled by WP# pin).
- Power Supply Lock-down (requires a power cycle to clear).
- One-Time Programmable (permanent).
️· QE (Quad Enable): Enables/disables quad I/O mode. Setting this bit impacts the functionality of the WP# and HOLD# pins.
️· LB3/LB2/LB1 (Lock Bit): One-time programmable bits that control access to Security Registers. Once set, they make the Security Registers read-only.
GD25LH16CVIG Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25LH16CVIG Datasheet.
    Example questions: ➤ Explain the function of the wel and wip bits. what do they indicate about the device's state, and how are they used in the operation of the flash memory?➤ What is the purpose of the cmp bit in the status register, and how does it interact with the bp4-bp0 bits to control memory protection?➤ Describe the difference between software protection and hardware protection modes as controlled by the srp1 and srp0 bits, and what external signal affects the hardware protected mode?
  • Datasheet Details
    Part No.GD25LH16CVIG
    ManufacturerGIGADEVICE
    Size1Mb
    Pages62 pages
    Description1.8V Uniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. General Overview (and purpose of document)

    ️· This document is a technical reference for the GD25LH16C flash memory. It details its functionality, status register, and protection mechanisms.

    2. Key Features & Operational Modes

    ️· Quad Operation: The memory can operate in either single/dual/quad I/O mode, controlled by the "QE" bit in the Status Register.
    ️· Non-Volatile: Certain status register bits (BP4-BP0, SRP1/SRP0, CMP, LB3/LB2/LB1) are non-volatile, meaning they retain their value even when power is removed.
    ️· Write Protection: The memory incorporates multiple levels of write protection, allowing for controlled access to different memory areas.
    ️· Erase Suspend / Program Suspend: The memory supports suspend commands to pause erase and program operations.

    3. Status Register (Detailed Explanation)

    The document provides a thorough breakdown of each bit in the Status Register. Here's a condensed summary, with key implications:

    ️· WIP (Write In Progress): Indicates if the device is busy with a write, program, or erase operation.
    ️· WEL (Write Enable Latch): Controls whether the memory can accept write commands. Must be set (WEL=1) to allow writes.
    ️· BP4-BP0 (Block Protect): Define software protection areas. When set, specified memory blocks are protected from programming and erasing.
    ️· SRP1/SRP0 (Status Register Protect): Provide multiple levels of write protection for the *status register itself*. Options include:
    - Software Protection (default).
    - Hardware Protection (controlled by WP# pin).
    - Power Supply Lock-down (requires a power cycle to clear).
    - One-Time Programmable (permanent).
    ️· QE (Quad Enable): Enables/disables quad I/O mode. Setting this bit impacts the functionality of the WP# and HOLD# pins.
    ️· LB3/LB2/LB1 (Lock Bit): One-time programmable bits that control access to Security Registers. Once set, they make the Security Registers read-only.