1. OverviewThis excerpt details aspects of the GigaDevice flash memory's operation, specifically focusing on the Status Register. The Status Register holds crucial information about the device's state and enables control over its behavior.
2. Key Commands & Operations ️· Write Status Register (WRSR): Used to modify certain bits within the Status Register.
️· Program/Erase/Write Status Register: These operations are pending when the "Write In Progress" (WIP) bit is set. You must wait for the WIP bit to clear before issuing another command that might conflict (like another write).
️· Write Enable (WEL): This bit must be set (WEL=1) before a Write Status Register, Program, or Erase command can be executed. It's like an enable signal.
3. Status Register Bits - Detailed Explanation ️· WIP (Write In Progress): Indicates if the device is actively programming, erasing, or writing to the status register. A value of '1' means busy, '0' means idle.
️· WEL (Write Enable Latch): The status of the internal Write Enable Latch. Must be '1' to allow write operations.
️· BP4, BP3, BP2, BP1, BP0 (Block Protect): These are *non-volatile* bits, meaning they retain their value even when power is removed. They control which areas of the memory are software protected from program and erase operations. When set to 1, a specific block of memory is locked down. The actual protected area is defined by a table (Table 1 and Table 5 within the provided document, not included here).
️· SRP1, SRP0 (Status Register Protect): These bits implement a more advanced status register protection scheme, giving you control over how the Status Register can be modified. See table below for specifics.
SRP1, SRP0 Protection Table
| SRP1 |
SRP0 |
#WP (WP# pin state) |
Status Register Protection |
| 0 |
0 |
X |
Software Protected |
| 0 |
1 |
0 |
Hardware Protected (WP# = 0 locks the status register) |
| 0 |
1 |
1 |
Hardware Unprotected (WP# = 1 allows writing) |
| 1 |
0 |
X |
Power Supply Lock-Down (requires power cycle to reset protection) |
| 1 |
1 |
X |
One-Time Programmable (Status Register permanently protected) |
️· `#WP` (WP# Pin): The state of the `WP#` pin affects the hardware protection mode. It's an active low signal, meaning that when low the hardware protection is enabled.
Important Considerations ️· Non-Volatile Nature: The Block Protect (BP bits) and Status Register Protect (SRP) bits are non-volatile, meaning they are stored permanently and survive power cycles.
️· `#WP` Pin: Understand the role of the `WP#` pin and how its state interacts with the `SRP` bits to control status register access.
️· Table 1 & Table 2: Refer to those tables (not included here) for the specific memory block sizes and addresses protected by setting different combinations of BP4-BP0 bits. The documentation contains the detailed protected blocks.