1. Key Features & Introduction: ️· This is an excerpt from the datasheet for a GD25LE32D flash memory device.
2. Command Execution and Status: ️· WIP (Write In Progress): Indicates if the memory is busy with programming, erasing, or writing to the status register. `WIP = 1` means busy, `WIP = 0` means idle.
️· WEL (Write Enable Latch): Controls whether write operations (status register, programming, erasing) are allowed. `WEL = 1` enables writing, `WEL = 0` disables it.
3. Block Protection (BP4-BP0): ️· These bits define software-protected memory areas. When set (`BP = 1`), certain commands (Program, Erase) are blocked in the corresponding memory region.
️· The specific protection size is defined by Table 1 and Table 2 in the complete datasheet.
️· BP bits can be written using the Write Status Register (WRSR) command, but only if hardware protection isn't enabled.
️· Chip Erase behavior depends on the value of these bits and the CMP (Compare) bit.
4. Status Register Protection (SRP1, SRP0): ️· These bits control how the status register is protected. They influence whether the status register can be modified and under what conditions.
️· They are non-volatile, meaning they persist through power cycles.
SRP1 & SRP0 Combinations and their Meanings:
| SRP1 |
SRP0 |
#WP (Hardware Protection Input) |
Status Register Protection |
| 0 |
0 |
X |
Software Protected (Default) - Writeable after WEL=1 |
| 0 |
1 |
0 |
Hardware Protected - Locked, writeable only if WP#=0 |
| 0 |
1 |
1 |
Hardware Unprotected - Writeable after WEL=1 and WP#=1 |
| 1 |
0 |
X |
Power Supply Lock-Down - Requires Power-Down/Up cycle to reset |
| 1 |
1 |
X |
One-Time Programmable - Permanently protected |
Important Notes from the excerpt: ️· `CMP` (Compare) bit affects Chip Erase behavior.
️· The Power Supply Lock-Down feature requires a power cycle to reset.
️· The One-Time Programmable (OTP) feature is a special order item; contact GigaDevice for details.
️· The complete datasheet (with tables 1 & 2) is necessary for understanding the exact memory regions protected by the BP bits.
This breakdown should give you a good grasp of the functionality described in this excerpt. Let me know if you have any more questions or need clarification on any specific point.