công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25LB32DQIG
MfrGIGADEVICE
Size1Mb
Pages67 pages
Description1.8V Uniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. Device Overview:

️· It's a 32Mb (32 million byte) Flash memory.
️· It supports various operating modes: Single SPI, Dual SPI, Quad SPI, and potentially others (implied by the modes supported).

2. Key Features & Functionality:

️· Write in Progress (WIP): Indicates if the memory is busy with write/erase operations.
️· Write Enable Latch (WEL): Controls write access – needs to be set to 1 to allow write commands.
️· Block Protection (BP4-BP0): Non-volatile bits that define areas of memory protected from programming/erasing. These bits work with the CMP bit to create different protection schemes.
- When set to 1, the specified memory area is protected.
- Controlled through the Write Status Register (WRSR) command.
️· Status Register Protection (SRP1, SRP0): Control the method of write protection.
- Software Protected (0,0): Standard write access after Write Enable.
- Power Supply Lock-Down (1,0): Requires a power cycle to reset protection.
- One-Time Programmable (1,1): Permanent write protection (special order).
️· Quad Enable (QE): Sets whether quad mode operation is enabled. The default value is 1 (enabled).
️· One-Time Programmable (OTP) bits (LB3-LB1): Control access to Security Registers, once set, become read-only.
️· CMP bit: Used in conjunction with BP bits for array protection. (Default 0).
️· Suspend bits (SUS1, SUS2): Indicate whether the program or erase operations are suspended.

3. Status Register Details:

The provided document includes a table explaining the function of each bit in the Status Register:

S15 S14 S13 S12 S11 S10 S9 S8
SUS1 CMP LB3 LB2 LB1 SUS2 QE SRP1

S7 S6 S5 S4 S3 S2 S1 S0
SRP0 BP4 BP3 BP2 BP1 BP0 WEL WIP



In Essence: This document describes how to control and monitor the GD25LB32D Flash memory, including its write protection features, status register bits and overall operational modes. It's designed for embedded system developers working with this specific Flash memory device.
GD25LB32DQIG Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25LB32DQIG Datasheet.
    Example questions: ➤ Explain the different states and effects of the `srp1` and `srp0` bits, specifically detailing what happens when they are set to (1,0) and (1,1).➤ Describe the purpose of the `sus1` and `sus2` bits, and under what circumstances are they set to 1 or 0?➤ What is the function of the `cmp` bit in the status register, and how does it interact with the `bp4-bp0` bits to control memory protection?
  • Datasheet Details
    Part No.GD25LB32DQIG
    ManufacturerGIGADEVICE
    Size1Mb
    Pages67 pages
    Description1.8V Uniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. Device Overview:

    ️· It's a 32Mb (32 million byte) Flash memory.
    ️· It supports various operating modes: Single SPI, Dual SPI, Quad SPI, and potentially others (implied by the modes supported).

    2. Key Features & Functionality:

    ️· Write in Progress (WIP): Indicates if the memory is busy with write/erase operations.
    ️· Write Enable Latch (WEL): Controls write access – needs to be set to 1 to allow write commands.
    ️· Block Protection (BP4-BP0): Non-volatile bits that define areas of memory protected from programming/erasing. These bits work with the CMP bit to create different protection schemes.
    - When set to 1, the specified memory area is protected.
    - Controlled through the Write Status Register (WRSR) command.
    ️· Status Register Protection (SRP1, SRP0): Control the method of write protection.
    - Software Protected (0,0): Standard write access after Write Enable.
    - Power Supply Lock-Down (1,0): Requires a power cycle to reset protection.
    - One-Time Programmable (1,1): Permanent write protection (special order).
    ️· Quad Enable (QE): Sets whether quad mode operation is enabled. The default value is 1 (enabled).
    ️· One-Time Programmable (OTP) bits (LB3-LB1): Control access to Security Registers, once set, become read-only.
    ️· CMP bit: Used in conjunction with BP bits for array protection. (Default 0).
    ️· Suspend bits (SUS1, SUS2): Indicate whether the program or erase operations are suspended.

    3. Status Register Details:

    The provided document includes a table explaining the function of each bit in the Status Register:

    S15 S14 S13 S12 S11 S10 S9 S8
    SUS1 CMP LB3 LB2 LB1 SUS2 QE SRP1

    S7 S6 S5 S4 S3 S2 S1 S0
    SRP0 BP4 BP3 BP2 BP1 BP0 WEL WIP



    In Essence: This document describes how to control and monitor the GD25LB32D Flash memory, including its write protection features, status register bits and overall operational modes. It's designed for embedded system developers working with this specific Flash memory device.