công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25B257DFIR
MfrGIGADEVICE
Size1Mb
Pages92 pages
Description3.3V Uniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. Chip Overview & Basic Functionality

️· Type: Uniform Sector Flash Memory.
️· Purpose: Used for non-volatile data storage.
️· Data Protection: Includes Write Enable, Software Protection Mode, Deep Power-Down Mode.

2. ECC (Error Correction Code) Functionality

️· Implementation: The chip utilizes Single Error Correction – Double Error Detection (SEC-DED) Hsiao Codes.
️· Granularity: ECC operates on 8-byte data blocks. Every 8 bytes of data stored undergoes ECC calculation.
️· Read Operations: The ECC engine checks ECC results during read operations. The user can check the ECC status bits (SEC & DED) in the Extended Register.
️· ECS# Pin: This pin (ECC Correction Signal) is used to indicate the status of the ECC during a read operation (SEC or DED event). It's an Open-Drain connection.
️· Programming Considerations:
- Every 8-byte block must be programmed for ECC to work correctly.
- "Incremental Byte/Bit Programming" (repeatedly writing to the same byte) is *not* supported when ECC is enabled.

3. Data Protection Features

️· Write Enable (WREN): Controls write access. Disabled by WRDI (Write Disable), Write Status Register, Page/Quad Page Program, Sector/Block/Chip Erase.
️· Software Protection Mode: Uses Block Protect (BP3-BP0) and Top/Bottom (TB) bits to define read-only sections of the memory. Determines the memory sections that can be read but not modified.
️· Deep Power-Down Mode: Disables all commands except Release from Deep Power-Down and Software Reset.
️· Protected Area Size Table: A table outlines the sizes of protected areas based on the status register settings. This allows for granular control over which memory blocks are protected.

4. Key Registers & Pins

️· Status Register: Contains bits for enabling/disabling ECC (ECC bit).
️· Extended Register: Contains ECC Status Bits (SEC and DED) to check ECC results after a read.
️· ECS# Pin: Output signal indicating ECC status during read operations.

5. Important Programming Notes

️· Ensure ECC is working on aligned 8-byte blocks.
️· Avoid incremental byte/bit programming when ECC is enabled.



In essence, this chip is designed for reliable data storage with ECC features, providing data protection through various modes and granular control over memory access.
GD25B257DFIR Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25B257DFIR Datasheet.
    Example questions: ➤ The datasheet details the use of the ecs# pin. what conditions will cause the ecs# pin to be pulled low, and what does this signal indicate?➤ Describe the requirements for programming data into the gd25b257d when ecc is enabled, and what programming practice should be avoided?➤ What are the three methods used for data protection in the gd25b257d?
  • Datasheet Details
    Part No.GD25B257DFIR
    ManufacturerGIGADEVICE
    Size1Mb
    Pages92 pages
    Description3.3V Uniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. Chip Overview & Basic Functionality

    ️· Type: Uniform Sector Flash Memory.
    ️· Purpose: Used for non-volatile data storage.
    ️· Data Protection: Includes Write Enable, Software Protection Mode, Deep Power-Down Mode.

    2. ECC (Error Correction Code) Functionality

    ️· Implementation: The chip utilizes Single Error Correction – Double Error Detection (SEC-DED) Hsiao Codes.
    ️· Granularity: ECC operates on 8-byte data blocks. Every 8 bytes of data stored undergoes ECC calculation.
    ️· Read Operations: The ECC engine checks ECC results during read operations. The user can check the ECC status bits (SEC & DED) in the Extended Register.
    ️· ECS# Pin: This pin (ECC Correction Signal) is used to indicate the status of the ECC during a read operation (SEC or DED event). It's an Open-Drain connection.
    ️· Programming Considerations:
    - Every 8-byte block must be programmed for ECC to work correctly.
    - "Incremental Byte/Bit Programming" (repeatedly writing to the same byte) is *not* supported when ECC is enabled.

    3. Data Protection Features

    ️· Write Enable (WREN): Controls write access. Disabled by WRDI (Write Disable), Write Status Register, Page/Quad Page Program, Sector/Block/Chip Erase.
    ️· Software Protection Mode: Uses Block Protect (BP3-BP0) and Top/Bottom (TB) bits to define read-only sections of the memory. Determines the memory sections that can be read but not modified.
    ️· Deep Power-Down Mode: Disables all commands except Release from Deep Power-Down and Software Reset.
    ️· Protected Area Size Table: A table outlines the sizes of protected areas based on the status register settings. This allows for granular control over which memory blocks are protected.

    4. Key Registers & Pins

    ️· Status Register: Contains bits for enabling/disabling ECC (ECC bit).
    ️· Extended Register: Contains ECC Status Bits (SEC and DED) to check ECC results after a read.
    ️· ECS# Pin: Output signal indicating ECC status during read operations.

    5. Important Programming Notes

    ️· Ensure ECC is working on aligned 8-byte blocks.
    ️· Avoid incremental byte/bit programming when ECC is enabled.



    In essence, this chip is designed for reliable data storage with ECC features, providing data protection through various modes and granular control over memory access.