công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD5F2GQ4UF9JS
MfrGIGADEVICE
Size1Mb
Pages57 pages
DescriptionSPI(x1/x2/x4) NAND Flash
Datasheet SummaryAI
1. Device Overview:

️· This is a 2GB NAND flash memory device designed for SPI interfaces (Single, Dual, and Quad IO modes).
️· It supports various commands for read, program, and erase operations.
️· Includes features for protection, block locking, OTP (One-Time Programmable) protection, and ECC (Error Correction Code) enabling.

2. Key Features and Commands:

️· Write Enable/Disable (WREN/WRDI): Crucial for controlling write operations.
️· Get Features (0FH) / Set Features (1FH): Used for reading/modifying device settings (like OTP protection, ECC enabling, Quad IO enabling).
️· Read UID (EDH): Retrieves the unique device identification information.
️· Read Parameter Page (13H): Allows reading of parameters related to the memory's configuration.
️· Read/Fast Read from Cache (03H/0BH): Reads data from the cache memory. Read from cache x2 and x4 are also available.
️· Program Load/Execute (02H/10H): Used for programming data into pages. The program load must be followed by a program execute command.
️· Block Erase (D8H): Erases blocks of memory (128KB).
️· Reset (FFH): Resets the device.
️· Read ID (9FH): Reads the manufacturer and device ID.
️· Program Load Random Data: Program data from random address.

3. Operational Considerations:

️· Write Protection: Hardware protection mode can be enabled via WP# signal and software settings.
️· Power-Off Timing: Avoid abrupt power loss during write/erase operations to prevent data corruption.
️· Dummy Bytes: Many commands use dummy bytes for timing and specific functionality.
️· HOLDB/RST Function: Available on WSON8 packages.

4. Important Notes:

️· Command Sequences: Careful sequencing of commands is essential (e.g., Program Load *must* be followed by Program Execute).
️· Dummy Bytes: Default to 0 when setting features or utilizing dummy modes.
️· Feature Settings: Understand the meaning and implications of the features you are setting.
️· Register Addresses: Keep track of register addresses (e.g., A0H, B0H, C0H, D0H) for feature settings.
️· Documentation specific to SPI NAND programming practices is vital before attempting to program or erase the chip.



This summary should provide a good overview of the document's content. Remember to refer to the full document for complete details and specifications before working with this NAND flash device.
GD5F2GQ4UF9JS Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD5F2GQ4UF9JS Datasheet.
    Example questions: ➤ What is the significance of the brwd bit in the protection register (a0h) and how does it interact with the wp# pin?➤ Explain the function of the reset (ffh) command. specifically, under what conditions will it reset the p_fail/e_fail/eccs bits?➤ What is the purpose of the write enable (wren) command (06h)?
  • Datasheet Details
    Part No.GD5F2GQ4UF9JS
    ManufacturerGIGADEVICE
    Size1Mb
    Pages57 pages
    DescriptionSPI(x1/x2/x4) NAND Flash
    Datasheet Summary AI Expand summary
    1. Device Overview:

    ️· This is a 2GB NAND flash memory device designed for SPI interfaces (Single, Dual, and Quad IO modes).
    ️· It supports various commands for read, program, and erase operations.
    ️· Includes features for protection, block locking, OTP (One-Time Programmable) protection, and ECC (Error Correction Code) enabling.

    2. Key Features and Commands:

    ️· Write Enable/Disable (WREN/WRDI): Crucial for controlling write operations.
    ️· Get Features (0FH) / Set Features (1FH): Used for reading/modifying device settings (like OTP protection, ECC enabling, Quad IO enabling).
    ️· Read UID (EDH): Retrieves the unique device identification information.
    ️· Read Parameter Page (13H): Allows reading of parameters related to the memory's configuration.
    ️· Read/Fast Read from Cache (03H/0BH): Reads data from the cache memory. Read from cache x2 and x4 are also available.
    ️· Program Load/Execute (02H/10H): Used for programming data into pages. The program load must be followed by a program execute command.
    ️· Block Erase (D8H): Erases blocks of memory (128KB).
    ️· Reset (FFH): Resets the device.
    ️· Read ID (9FH): Reads the manufacturer and device ID.
    ️· Program Load Random Data: Program data from random address.

    3. Operational Considerations:

    ️· Write Protection: Hardware protection mode can be enabled via WP# signal and software settings.
    ️· Power-Off Timing: Avoid abrupt power loss during write/erase operations to prevent data corruption.
    ️· Dummy Bytes: Many commands use dummy bytes for timing and specific functionality.
    ️· HOLDB/RST Function: Available on WSON8 packages.

    4. Important Notes:

    ️· Command Sequences: Careful sequencing of commands is essential (e.g., Program Load *must* be followed by Program Execute).
    ️· Dummy Bytes: Default to 0 when setting features or utilizing dummy modes.
    ️· Feature Settings: Understand the meaning and implications of the features you are setting.
    ️· Register Addresses: Keep track of register addresses (e.g., A0H, B0H, C0H, D0H) for feature settings.
    ️· Documentation specific to SPI NAND programming practices is vital before attempting to program or erase the chip.



    This summary should provide a good overview of the document's content. Remember to refer to the full document for complete details and specifications before working with this NAND flash device.