công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25B32CWIG
MfrGIGADEVICE
Size1Mb
Pages56 pages
Description3.3V Uniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. Device Overview

️· This excerpt is for a GD25B32C, which is a 32Mb (32,000,000 byte) Serial Flash memory device. It supports dual and quad I/O modes.

2. Status Register - Key Features and Bits

The Status Register is crucial for controlling and monitoring the device's operation. Here's a breakdown of the most important bits:

️· WIP (Write In Progress): Indicates whether the device is busy with a write, program, or erase operation. `1 = Busy`, `0 = Idle`.
️· WEL (Write Enable Latch): Controls the write enable state. `1 = Enabled`, `0 = Disabled`. You need `WEL=1` to write to the register.
️· BP4-BP0 (Block Protect): Non-volatile bits used to protect blocks of memory from being programmed or erased. They define protected areas based on Table 1. They are written with the Write Status Register (WRSR) command.
️· SRP1, SRP0 (Status Register Protect): Control how the Status Register itself can be written.
- `00`: Software protection (default). Can be written after a Write Enable.
- `10`: Power Supply Lock-Down. Cannot be written again until a power cycle.
- `11`: One-Time Programmable (OTP). Status Register becomes permanently read-only.
️· QE (Quad Enable): (Default: 1) Controls Quad mode operation. *Cannot be changed; always enabled in this datasheet.*
️· LB3, LB2, LB1: Non-volatile One Time Programmable bits that unlock/lock Security Registers
️· CMP: Used in conjunction with BP4-BP0 for more granular memory protection.
️· SUS1, SUS2: Read-only bits indicating whether a Program or Erase operation has been suspended, respectively. Cleared by a Resume command or power cycle.
️· HPF (High Performance Flag): Indicates whether the device is in High Performance Mode.
️· DRV1, DRV0: Control the output driver strength for read operations. (Default: 75%)

3. Key Considerations

️· Write Cycles: Many bits are non-volatile (meaning they retain their value even when power is removed). Be mindful of One-Time Programmable (OTP) features.
️· Protection: Understand the Block Protect and Status Register Protect mechanisms to secure your data.
️· Operating Modes: The device supports Dual and Quad I/O modes, controlled by the QE bit (which is permanently enabled in this context).
GD25B32CWIG Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25B32CWIG Datasheet.
    Example questions: ➤ Describe the function of the srp1 and srp0 bits in the status register, and explain how they affect write protection of the status register itself.➤ Explain the difference between dual, quad, and standard spi communication modes with the gd25b32c flash memory, and what the qe bit controls in relation to quad mode.➤ Describe how these bits work together to define protected regions of the flash memory, and refer to specific tables in the document to support your explanation.
  • Datasheet Details
    Part No.GD25B32CWIG
    ManufacturerGIGADEVICE
    Size1Mb
    Pages56 pages
    Description3.3V Uniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. Device Overview

    ️· This excerpt is for a GD25B32C, which is a 32Mb (32,000,000 byte) Serial Flash memory device. It supports dual and quad I/O modes.

    2. Status Register - Key Features and Bits

    The Status Register is crucial for controlling and monitoring the device's operation. Here's a breakdown of the most important bits:

    ️· WIP (Write In Progress): Indicates whether the device is busy with a write, program, or erase operation. `1 = Busy`, `0 = Idle`.
    ️· WEL (Write Enable Latch): Controls the write enable state. `1 = Enabled`, `0 = Disabled`. You need `WEL=1` to write to the register.
    ️· BP4-BP0 (Block Protect): Non-volatile bits used to protect blocks of memory from being programmed or erased. They define protected areas based on Table 1. They are written with the Write Status Register (WRSR) command.
    ️· SRP1, SRP0 (Status Register Protect): Control how the Status Register itself can be written.
    - `00`: Software protection (default). Can be written after a Write Enable.
    - `10`: Power Supply Lock-Down. Cannot be written again until a power cycle.
    - `11`: One-Time Programmable (OTP). Status Register becomes permanently read-only.
    ️· QE (Quad Enable): (Default: 1) Controls Quad mode operation. *Cannot be changed; always enabled in this datasheet.*
    ️· LB3, LB2, LB1: Non-volatile One Time Programmable bits that unlock/lock Security Registers
    ️· CMP: Used in conjunction with BP4-BP0 for more granular memory protection.
    ️· SUS1, SUS2: Read-only bits indicating whether a Program or Erase operation has been suspended, respectively. Cleared by a Resume command or power cycle.
    ️· HPF (High Performance Flag): Indicates whether the device is in High Performance Mode.
    ️· DRV1, DRV0: Control the output driver strength for read operations. (Default: 75%)

    3. Key Considerations

    ️· Write Cycles: Many bits are non-volatile (meaning they retain their value even when power is removed). Be mindful of One-Time Programmable (OTP) features.
    ️· Protection: Understand the Block Protect and Status Register Protect mechanisms to secure your data.
    ️· Operating Modes: The device supports Dual and Quad I/O modes, controlled by the QE bit (which is permanently enabled in this context).