công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25VQ40C Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about GD25VQ40C Datasheet

  • # Example questions: ➢ Compare the maximum flash memory available in the gd32f450 series versus the gd32f405 series. what is the largest difference?
    ➢ What is the maximum cpu speed (mhz) for all listed gd32f450 and gd32f405 series part numbers?
    ➢ What is the maximum sram available across all listed gd32f450 series part numbers?

  • Part No.GD25VQ40C
    ManufacturerGIGADEVICE
    Size4Mb
    Pages28 pages
    DescriptionMCU
    Datasheet Summary with AI

    Okay, let's break down this table. It appears to be a comparison of different GD32F4 and GD32F405 microcontrollers. Here's a summary organized by key features, followed by some explanations and observations.

    Overall Summary

    The table compares several GD32 microcontrollers, primarily grouped under the GD32F450 and GD32F405 series. The key differences lie in the memory capacity (SRAM/Flash), maximum operating speed, and the specific part number (which indicates minor variations in features or packaging). The columns likely represent variations or options *within* the two series, showing their different configuration possibilities.

    Key Feature Breakdown

    ️· Connectivity/Interfaces:
    - I/O: The table lists `up to` numbers of I/O pins. These ranges are quite broad, with up to 140 I/O pins being the max. (depending on the specific model).

    ️· Memory:
    - SRAM: Ranges from 192K to 512K bytes.
    - Flash: Ranges from 512K to 2048K (2MB) bytes.

    ️· Performance:
    - Max Speed: Ranges from 168 MHz to 200 MHz, implying differing clock speeds and thus potentially varying computational performance.

    ️· Series:
    - GD32F450: A higher-performance series.

    - GD32F405: A slightly lower-performance, likely more cost-optimized series.

    ️· Part Number: The part number is the most specific identifier. Differences in suffixes (e.g., `VET6`, `ZGT6`, `IGH6`) indicate different packages, options, or minor feature variations.

    Observations & What the Table Suggests

    ️· Trade-offs: The data suggests choices between memory, speed, and cost.
    ️· Flexibility: The GD32 product line offers considerable flexibility, allowing designers to select parts tailored to specific application needs.
    ️· "Up to" Values: The phrases like "up to 82" for I/O highlight that the *exact* number of available pins can vary within a family based on other design considerations.
    ️· Suffixes in Part Numbers: Pay close attention to the part number suffixes. They'll tell you a lot about the exact features and package of the specific microcontroller.
    ️· GD32 Documentation: This table is a snippet. To fully understand the differences, you *must* refer to the official GD32 documentation and datasheets for each specific part number listed.

    To help me better understand what you're interested in, could you tell me:

    * What is the intended application for this microcontroller?
    * Which specific part numbers are you considering?
    * Which feature(s) are most important for your project (memory, speed, I/O count)?

    Overall Summary

    The table compares several GD32 microcontrollers, primarily grouped under the GD32F450 and GD32F405 series. The key differences lie in the memory capacity (SRAM/Flash), maximum operating speed, and the specific part number (which indicates minor variations in features or packaging). The columns likely represent variations or options *within* the two series, showing their different configuration possibilities.

    Key Feature Breakdown

    ️· Connectivity/Interfaces:
    - I/O: The table lists `up to` numbers of I/O pins. These ranges are quite broad, with up to 140 I/O pins being the max. (depending on the specific model).

    ️· Memory:
    - SRAM: Ranges from 192K to 512K bytes.
    - Flash: Ranges from 512K to 2048K (2MB) bytes.

    ️· Performance:
    - Max Speed: Ranges from 168 MHz to 200 MHz, implying differing clock speeds and thus potentially varying computational performance.

    ️· Series:
    - GD32F450: A higher-performance series.
    - GD32F405: A slightly lower-performance, likely more cost-optimized series.

    ️· Part Number: The part number is the most specific identifier. Differences in suffixes (e.g., `VET6`, `ZGT6`, `IGH6`) indicate different packages, options, or minor feature variations.

    Observations & What the Table Suggests

    ️· Trade-offs: The data suggests choices between memory, speed, and cost.
    ️· Flexibility: The GD32 product line offers considerable flexibility, allowing designers to select parts tailored to specific application needs.
    ️· "Up to" Values: The phrases like "up to 82" for I/O highlight that the *exact* number of available pins can vary within a family based on other design considerations.
    ️· Suffixes in Part Numbers: Pay close attention to the part number suffixes. They'll tell you a lot about the exact features and package of the specific microcontroller.
    ️· GD32 Documentation: This table is a snippet. To fully understand the differences, you *must* refer to the official GD32 documentation and datasheets for each specific part number listed.

    Part No.GD25VQ40C
    ManufacturerGIGADEVICE
    Size4Mb
    Pages28 pages
    DescriptionMCU