| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BF254 Datasheet
# Example questions:
➢ How does the transition frequency (ft) differ between the bf254 and bf255 transistors?
➢ What is the typical value for the common emitter input impedance for the bf254 transistor when the collector current is 10v?
➢ What is the maximum collector-emitter voltage (vceo) that the bf254 transistor can withstand?
# BF254 / BF255 NPN Silicon RF Transistors
## General Information
· Type: NPN Silicon RF Transistors
· Applications: AM and FM stages
· Marking: —
· Package: TO-92
· Manufacturers: NJ Semi-Conductors
· Contact Information:
- Telephone: (973) 376-2922 / (212)227-6005
- FAX: (973) 376-8960
## Maximum Ratings
· Collector-emitter voltage (VCEO): 20V (BF254), 30V (BF255)
· Collector-base voltage (VCES): 30V
· Emitter-base voltage (VEBO): 5V
· Collector current (Ic): 30mA
· Total power dissipation (PM): 250mW (TA = 45°C)
· Junction temperature (Ti): 150°C
· Storage temperature range: -65°C to +150°C
· Thermal Resistance (Junction-ambient): 5420 K/W
## Electrical Characteristics (TA = 25°C)
DC Characteristics
· DC Current Gain (hFE):
- Ic = 1mA, VCE = 10V
- BF254: 65 (typical)
- BF255: 35 (typical)
· Base-emitter voltage (VBE): 0.68V
AC Characteristics
· Transition frequency (fT):
- Ic = 1mA, VCE = 10V, f = 100MHz
- BF254: 260 MHz
- BF255: 220 MHz
· Collector-base capacitance (Cob): 1 MHz
- BF254: 10.7 PF
- BF255: 10.7 PF
· Collector-emitter capacitance (Co): 1 MHz
- BF254: 3.8 PF
- BF255: 3.8 PF
· Noise figure (F):
- Ic = 1mA, Vce = 10V, f = 1 MHz,£.= 1.5mSi>
- BF254: 1.2 dB
- BF255: 0.6 dB
- /=100MHz,s.= 10mSi>
- BF254: 3.8 dB
- BF255: 0.6 dB
Y Parameters (typical values, Ic = 10V)
· Common emitter and base configurations listed with values.
# BF254 / BF255 NPN Silicon RF Transistors
## General Information
· Type: NPN Silicon RF Transistors
· Applications: AM and FM stages
· Marking: —
· Package: TO-92
· Manufacturers: NJ Semi-Conductors
· Contact Information:
- Telephone: (973) 376-2922 / (212)227-6005
- FAX: (973) 376-8960
## Maximum Ratings
· Collector-emitter voltage (VCEO): 20V (BF254), 30V (BF255)
· Collector-base voltage (VCES): 30V
· Emitter-base voltage (VEBO): 5V
· Collector current (Ic): 30mA
· Total power dissipation (PM): 250mW (TA = 45°C)
· Junction temperature (Ti): 150°C
· Storage temperature range: -65°C to +150°C
· Thermal Resistance (Junction-ambient): 5420 K/W
## Electrical Characteristics (TA = 25°C)
DC Characteristics
· DC Current Gain (hFE):
- Ic = 1mA, VCE = 10V
- BF254: 65 (typical)
- BF255: 35 (typical)
· Base-emitter voltage (VBE): 0.68V
AC Characteristics
· Transition frequency (fT):
- Ic = 1mA, VCE = 10V, f = 100MHz
- BF254: 260 MHz
- BF255: 220 MHz
· Collector-base capacitance (Cob): 1 MHz
- BF254: 10.7 PF
- BF255: 10.7 PF
· Collector-emitter capacitance (Co): 1 MHz
- BF254: 3.8 PF
- BF255: 3.8 PF
· Noise figure (F):
- Ic = 1mA, Vce = 10V, f = 1 MHz,£.= 1.5mSi>
- BF254: 1.2 dB
- BF255: 0.6 dB
- /=100MHz,s.= 10mSi>
- BF254: 3.8 dB
- BF255: 0.6 dB
Y Parameters (typical values, Ic = 10V)
· Common emitter and base configurations listed with values.
| Part No. | BF254 |
| Manufacturer | NJSEMI |
| Size | 120 Kbytes |
| Pages | 2 pages |
| Description | NPN Silicon RF Transistors |