công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU120 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BU120 Datasheet

  • # Example questions: ➢ How does the thermal resistance, junction-to-case (rth j-c), affect heat dissipation from this device?
    ➢ What is the minimum collector-emitter sustaining voltage (vceo(sus)) for this bu120 transistor?
    ➢ What is the maximum continuous collector current (ic) this transistor can handle?

  • Part No.BU120
    ManufacturerNJSEMI
    Size129 Kbytes
    Pages2 pages
    DescriptionSilicon NPN Power Transistors
    Datasheet Summary with AI

    # BU120 Silicon NPN Power Transistor

    ## Description & Applications

    · Designed for horizontal deflection output stages in CTV receivers, high-voltage switching, and industrial applications.
    · Collector-Emitter Sustaining Voltage: 200V (minimum).

    ## Absolute Maximum Ratings (Ta=25°C)

    · VCBO (Collector-Emitter Voltage): 400V
    · VCEO (Collector-Emitter Voltage): 200V
    · VEBO (Emitter-Base Voltage): 7V
    · Ic (Collector Current - Continuous): 10A
    · ICM (Collector Current - Peak): 15A
    · IB (Base Current - Continuous): 3.0A
    · PC (Collector Power Dissipation): 100W (at TC=25°C)
    · Tj (Junction Temperature): 200°C
    · Tstg (Storage Temperature Range): -65°C to 200°C

    ## Thermal Characteristics

    · Rth j-c (Thermal Resistance, Junction to Case): 1.75 °C/W

    ## Electrical Characteristics (Tc=25°C unless otherwise specified)

    · VcEO(SUS) (Collector-Emitter Sustaining Voltage): 200V (min), 300V (max)
    · V(BR)CBO (Collector-Base Breakdown Voltage): 400V
    · Vce(sat) (Collector-Emitter Saturation Voltage): 30V (max)
    · Vse(sat) (Base-Emitter Saturation Voltage): 6V (max)
    · Icbo (Collector Cutoff Current): 0.1mA (max)
    · IEBO (Emitter Cutoff Current): 0.1mA (max)
    · hFE (DC Current Gain): 120 (min)
    · fr (Current-Gain - Bandwidth Product): 120 MHz

    ## Package Dimensions (in mm)

    · A: 39.00
    · B: 25.30 / 26.67
    · D: 0.90
    · E: 1
    · G: 10.9
    · H: 5.4
    · K: 11.40 / 13.50
    · L: 16.75 / 17.05
    · N: 19.40 / 19.62
    · Q: 4.00
    · U: 30.00
    · V: 4.30 / 4.50

    # BU120 Silicon NPN Power Transistor

    ## Description & Applications

    · Designed for horizontal deflection output stages in CTV receivers, high-voltage switching, and industrial applications.
    · Collector-Emitter Sustaining Voltage: 200V (minimum).

    ## Absolute Maximum Ratings (Ta=25°C)

    · VCBO (Collector-Emitter Voltage): 400V
    · VCEO (Collector-Emitter Voltage): 200V
    · VEBO (Emitter-Base Voltage): 7V
    · Ic (Collector Current - Continuous): 10A
    · ICM (Collector Current - Peak): 15A
    · IB (Base Current - Continuous): 3.0A
    · PC (Collector Power Dissipation): 100W (at TC=25°C)
    · Tj (Junction Temperature): 200°C
    · Tstg (Storage Temperature Range): -65°C to 200°C

    ## Thermal Characteristics

    · Rth j-c (Thermal Resistance, Junction to Case): 1.75 °C/W

    ## Electrical Characteristics (Tc=25°C unless otherwise specified)

    · VcEO(SUS) (Collector-Emitter Sustaining Voltage): 200V (min), 300V (max)
    · V(BR)CBO (Collector-Base Breakdown Voltage): 400V
    · Vce(sat) (Collector-Emitter Saturation Voltage): 30V (max)
    · Vse(sat) (Base-Emitter Saturation Voltage): 6V (max)
    · Icbo (Collector Cutoff Current): 0.1mA (max)
    · IEBO (Emitter Cutoff Current): 0.1mA (max)
    · hFE (DC Current Gain): 120 (min)
    · fr (Current-Gain - Bandwidth Product): 120 MHz

    ## Package Dimensions (in mm)

    · A: 39.00
    · B: 25.30 / 26.67
    · D: 0.90
    · E: 1
    · G: 10.9
    · H: 5.4
    · K: 11.40 / 13.50
    · L: 16.75 / 17.05
    · N: 19.40 / 19.62
    · Q: 4.00
    · U: 30.00
    · V: 4.30 / 4.50

    Part No.BU120
    ManufacturerNJSEMI
    Size129 Kbytes
    Pages2 pages
    DescriptionSilicon NPN Power Transistors