công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MP3373 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MP3373 Datasheet

  • # Example questions: ➢ Besides pwm dimming, what other method is described in the quick start guide for controlling the brightness of the leds, and what voltage range is recommended for this method?
    ➢ What is the recommended input voltage range for the mp3373, according to the quick start guide?
    ➢ The bill of materials lists multiple resistors with the yageo rc0603fr-0710rl part number. what is the resistance value of these resistors?

  • Part No.MP3373
    ManufacturerMPS
    Size613 Kbytes
    Pages7 pages
    Description8 Strings, Step Up WLED Controller with External Transistor
    Datasheet Summary with AI

    1. Overview

    ️· Product: MP3373GM LED Driver.
    ️· Documentation: Evaluation Board (EVB) documentation, including bill of materials (BOM), schematics, and layout information.
    ️· Purpose: The EVB is designed to demonstrate the functionality of the MP3373GM LED driver IC.
    ️· Operating Conditions (Testing): V<sub>IN</sub> = 18V, 10 LEDs in series, 8 strings parallel, 200mA/string, T<sub>A</sub> = 25°C.

    2. Key Components (from the BOM)


    ️· U1 (MP3373GM): The LED driver IC itself.
    ️· L1: Inductor (47µH) - Part of the power conversion circuit.
    ️· M1: N-Channel MOSFET - Used in the power switching stage.
    ️· Q1-Q8: PNP Transistors - Used in the LED string control
    ️· D1 & D2: Schottky Diodes - For freewheeling and rectification.
    ️· F1: Fuse (4A, 63V) - For circuit protection.
    ️· Resistors: Various resistors (0Ω, 10Ω, 20kΩ, etc.) - for voltage dividers, current limiting, and biasing.
    ️· Capacitors: Various capacitors (ceramic and electrolytic) for filtering and decoupling.
    ️· LEDs: The test circuit uses 10 LEDs in series, 8 strings.

    3. Testing & Performance

    ️· Purpose of Test: The provided test results are to demonstrate the functionality of the MP3373GM under specific operating conditions.
    ️· Conditions:
    - Input Voltage (V<sub>IN</sub>): 18V
    - LED Configuration: 10 LEDs in series per string, 8 strings in parallel.
    - Current per String: 200mA
    - Ambient Temperature (T<sub>A</sub>): 25°C
    ️· Dimming Options:
    - PWM Dimming: Apply a PWM signal with a voltage between 0.3V (minimum) and 1.6V (maximum) to the EN/PWM pin or DIM pin. Recommended PWM frequency is between 200Hz and 2kHz. If using the EN/PWM pin for PWM, the DIM pin needs to be pulled high.
    - Analog Dimming: Apply a DC voltage between 0.4V and 1.5V to the DIM pin.

    4. Quick Start Guide

    1. Connect the load panel (8 strings of 10 LEDs in series) to the EVB's LED+ and LED-1~8 pins.
    2. Connect a power supply (9V to 28V) to the VIN and GND pins.
    3. Enable the MP3373GM by driving the EN pin high (5V).
    4. For PWM dimming, apply a PWM signal or for Analog dimming, apply a DC voltage to the appropriate dimming pin.

    Important Notes (from the documentation):

    ️· Legal Disclaimer: Users are responsible for ensuring their applications don't infringe on intellectual property rights. MPS is not liable for any issues arising from such infringement.
    ️· Documentation Subject to Change: The information is subject to change without notice.

    1. Overview

    ️· Product: MP3373GM LED Driver.
    ️· Documentation: Evaluation Board (EVB) documentation, including bill of materials (BOM), schematics, and layout information.
    ️· Purpose: The EVB is designed to demonstrate the functionality of the MP3373GM LED driver IC.
    ️· Operating Conditions (Testing): V<sub>IN</sub> = 18V, 10 LEDs in series, 8 strings parallel, 200mA/string, T<sub>A</sub> = 25°C.

    2. Key Components (from the BOM)


    ️· U1 (MP3373GM): The LED driver IC itself.
    ️· L1: Inductor (47µH) - Part of the power conversion circuit.
    ️· M1: N-Channel MOSFET - Used in the power switching stage.
    ️· Q1-Q8: PNP Transistors - Used in the LED string control
    ️· D1 & D2: Schottky Diodes - For freewheeling and rectification.
    ️· F1: Fuse (4A, 63V) - For circuit protection.
    ️· Resistors: Various resistors (0Ω, 10Ω, 20kΩ, etc.) - for voltage dividers, current limiting, and biasing.
    ️· Capacitors: Various capacitors (ceramic and electrolytic) for filtering and decoupling.
    ️· LEDs: The test circuit uses 10 LEDs in series, 8 strings.

    3. Testing & Performance

    ️· Purpose of Test: The provided test results are to demonstrate the functionality of the MP3373GM under specific operating conditions.
    ️· Conditions:
    - Input Voltage (V<sub>IN</sub>): 18V
    - LED Configuration: 10 LEDs in series per string, 8 strings in parallel.
    - Current per String: 200mA
    - Ambient Temperature (T<sub>A</sub>): 25°C
    ️· Dimming Options:
    - PWM Dimming: Apply a PWM signal with a voltage between 0.3V (minimum) and 1.6V (maximum) to the EN/PWM pin or DIM pin. Recommended PWM frequency is between 200Hz and 2kHz. If using the EN/PWM pin for PWM, the DIM pin needs to be pulled high.
    - Analog Dimming: Apply a DC voltage between 0.4V and 1.5V to the DIM pin.

    4. Quick Start Guide

    1. Connect the load panel (8 strings of 10 LEDs in series) to the EVB's LED+ and LED-1~8 pins.
    2. Connect a power supply (9V to 28V) to the VIN and GND pins.
    3. Enable the MP3373GM by driving the EN pin high (5V).
    4. For PWM dimming, apply a PWM signal or for Analog dimming, apply a DC voltage to the appropriate dimming pin.

    Important Notes (from the documentation):

    ️· Legal Disclaimer: Users are responsible for ensuring their applications don't infringe on intellectual property rights. MPS is not liable for any issues arising from such infringement.
    ️· Documentation Subject to Change: The information is subject to change without notice.

    Part No.MP3373
    ManufacturerMPS
    Size613 Kbytes
    Pages7 pages
    Description8 Strings, Step Up WLED Controller with External Transistor