công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PEWGS6016 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PEWGS6016 Datasheet

  • # Example questions: ➢ What is the operating temperature range within which this switch is designed to function?
    ➢ What is the typical insertion loss of the switch at 10 ghz?
    ➢ What is the minimum operating voltage for this waveguide switch?

  • Part No.PEWGS6016
    ManufacturerPASTERNACK
    Size527 Kbytes
    Pages6 pages
    DescriptionWR-90 Waveguide Electromechanical Relay SPDT Latching Switch
    Datasheet Summary with AI

    # PEWGS6016 Waveguide Switch

    ## Overview
    ️· Electromechanical WR-90 waveguide switch
    ️· Frequency Range: 8.2 to 12.4 GHz
    ️· Configuration: SPDT (Single Pole Double Throw), optional DPDT
    ️· Applications: Electronic Warfare, Microwave Radio, Radar, Test Instrumentation, etc.

    ## Features
    ️· Insertion Loss: 0.05 dB typical
    ️· Isolation: 105 dB typical
    ️· VSWR: 1.06:1
    ️· Input Power: Up to 5 kW CW
    ️· Actuator: Latching Self Cut Off
    ️· Position Indicator & Manual Override
    ️· Weatherized package
    ️· Operating Temperature: -40°C to +85°C

    ## Electrical Specifications
    ️· Switch Type: SPDT
    ️· Actuator Type: Latching
    ️· Switching Sequence: Break Before Make
    ️· Operating Voltage: 21 to 32 VDC (28 VDC nominal)
    ️· Actuating Current: 212-243 mA @ 28V
    ️· Switching Time: 60-80 ms

    ## Mechanical Specifications
    ️· Size: 4.8 in x 2.25 in x 2.25 in
    ️· Weight: 1.471 lbs
    ️· Waveguide Size: WR-90
    ️· Flange Type: Square Cover (UG-39/U)
    ️· Operating Pressure: 30 psig
    ️· Operating Life: 250,000 cycles
    ️· Material: Aluminum with Chem Film plating

    ## Environmental Specifications
    ️· Temperature (Operating): -40°C to +85°C
    ️· Temperature (Storage): -55°C to +100°C
    ️· Ingress Protection: IP67
    ️· Humidity: 0-100% (Fully Weatherized)
    ️· ESD Sensitivity: Handle with appropriate ESD precautions.

    # PEWGS6016 Waveguide Switch

    ## Overview
    ️· Electromechanical WR-90 waveguide switch
    ️· Frequency Range: 8.2 to 12.4 GHz
    ️· Configuration: SPDT (Single Pole Double Throw), optional DPDT
    ️· Applications: Electronic Warfare, Microwave Radio, Radar, Test Instrumentation, etc.

    ## Features
    ️· Insertion Loss: 0.05 dB typical
    ️· Isolation: 105 dB typical
    ️· VSWR: 1.06:1
    ️· Input Power: Up to 5 kW CW
    ️· Actuator: Latching Self Cut Off
    ️· Position Indicator & Manual Override
    ️· Weatherized package
    ️· Operating Temperature: -40°C to +85°C

    ## Electrical Specifications
    ️· Switch Type: SPDT
    ️· Actuator Type: Latching
    ️· Switching Sequence: Break Before Make
    ️· Operating Voltage: 21 to 32 VDC (28 VDC nominal)
    ️· Actuating Current: 212-243 mA @ 28V
    ️· Switching Time: 60-80 ms

    ## Mechanical Specifications
    ️· Size: 4.8 in x 2.25 in x 2.25 in
    ️· Weight: 1.471 lbs
    ️· Waveguide Size: WR-90
    ️· Flange Type: Square Cover (UG-39/U)
    ️· Operating Pressure: 30 psig
    ️· Operating Life: 250,000 cycles
    ️· Material: Aluminum with Chem Film plating

    ## Environmental Specifications
    ️· Temperature (Operating): -40°C to +85°C
    ️· Temperature (Storage): -55°C to +100°C
    ️· Ingress Protection: IP67
    ️· Humidity: 0-100% (Fully Weatherized)
    ️· ESD Sensitivity: Handle with appropriate ESD precautions.

    Part No.PEWGS6016
    ManufacturerPASTERNACK
    Size527 Kbytes
    Pages6 pages
    DescriptionWR-90 Waveguide Electromechanical Relay SPDT Latching Switch