| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PEWGS6004 Datasheet
# Example questions:
➢ How does the operating temperature range of -40°c to +85°c affect the performance or lifespan of the switch?
➢ Which waveguide flange type and designation are used for pressurized operation with this switch?
➢ What is the typical insertion loss of this switch across its operating frequency range?
# PEWGS6004 Waveguide Switch
## Features
· Frequency Range: 18 to 26.5 GHz
· Switch Type: SPDT (Optional DPDT)
· Waveguide: WR-42 with O-Rings
· Insertion Loss: 0.013 dB typical
· Isolation: 90 dB typical
· Operating Voltage: +28 Vdc nominal
· Input Power: Up to 0.8 kW CW
· Actuator: Latching Self Cut Off
· Position Indicator & Manual Override
· Weatherized Package
· Connector: Quick Connect Circular DC Connector
· Operating Temperature: -40°C to +85°C
· Operating Life: 250K cycles minimum
## Electrical Specifications
· Impedance: 50 Ohms
· VSWR: 1.07:1
· Switching Time: 54-80 ms
· Actuating Current (@ 28V): 212-243 mA
## Mechanical Specifications
· Size: 4.1 x 2.11 x 2.11 in [104.14 x 53.59 x 53.59 mm]
· Weight: 1.065 lbs [483.08 g]
· Operating Pressure: 30 psig
· Waveguide Size: WR-42
· Flange Type: Square Cover (UG-595/U)
· Material/Plating: Aluminum, Chem Film (MIL-DTL-5541 Type II Class 3)
## Environmental Specifications
· Temperature (Operating): -40 to +85°C
· Temperature (Storage): -55 to +100°C
· Ingress Protection: IP67
· Humidity: 0-100%, Fully Weatherized
· ESD Sensitivity: ESD Sensitive – Handle with appropriate precautions.
# PEWGS6004 Waveguide Switch
## Features
· Frequency Range: 18 to 26.5 GHz
· Switch Type: SPDT (Optional DPDT)
· Waveguide: WR-42 with O-Rings
· Insertion Loss: 0.013 dB typical
· Isolation: 90 dB typical
· Operating Voltage: +28 Vdc nominal
· Input Power: Up to 0.8 kW CW
· Actuator: Latching Self Cut Off
· Position Indicator & Manual Override
· Weatherized Package
· Connector: Quick Connect Circular DC Connector
· Operating Temperature: -40°C to +85°C
· Operating Life: 250K cycles minimum
## Electrical Specifications
· Impedance: 50 Ohms
· VSWR: 1.07:1
· Switching Time: 54-80 ms
· Actuating Current (@ 28V): 212-243 mA
## Mechanical Specifications
· Size: 4.1 x 2.11 x 2.11 in [104.14 x 53.59 x 53.59 mm]
· Weight: 1.065 lbs [483.08 g]
· Operating Pressure: 30 psig
· Waveguide Size: WR-42
· Flange Type: Square Cover (UG-595/U)
· Material/Plating: Aluminum, Chem Film (MIL-DTL-5541 Type II Class 3)
## Environmental Specifications
· Temperature (Operating): -40 to +85°C
· Temperature (Storage): -55 to +100°C
· Ingress Protection: IP67
· Humidity: 0-100%, Fully Weatherized
· ESD Sensitivity: ESD Sensitive – Handle with appropriate precautions.
| Part No. | PEWGS6004 |
| Manufacturer | PASTERNACK |
| Size | 528 Kbytes |
| Pages | 6 pages |
| Description | WR-42 Waveguide Electromechanical Relay SPDT Latching Switch |