công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE4488 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE4488_16 Datasheet

  • # Example questions: ➢ What is the maximum operating frequency for this n female connector?
    ➢ What material is used for the connector's contact pin?
    ➢ What is the operating temperature range for this connector?

  • Part No.PE4488_16
    ManufacturerPASTERNACK
    Size346 Kbytes
    Pages3 pages
    DescriptionN Female Bulkhead Mount Connector Solder Attachment
    Datasheet Summary with AI

    # PE4488 N Female Bulkhead Connector

    ## Configuration
    ️· Connector Type: N Female
    ️· Mounting: Bulkhead
    ️· Impedance: 50 Ohms
    ️· Termination: Solder Cup
    ️· Body Geometry: Straight

    ## Features
    ️· Max Frequency: 11 GHz
    ️· VSWR: 1.5:1
    ️· Contact Material: Brass with 50 µin minimum gold plating

    ## Electrical Specifications
    ️· Frequency Range: DC to 11 GHz
    ️· Operating Voltage: 1,000 V rms

    ## Mechanical Specifications
    ️· Length: 1.134 in [28.8 mm]

    ️· Diameter: 0.63 in [16.00 mm]
    ️· Weight: 0.055 lbs [24.95 g]

    ## Material Specifications
    ️· Contact: Brass with Gold Plating
    ️· Insulation: PTFE
    ️· Body: Brass with Nickel Plating (100 µin minimum)

    ## Environmental Specifications
    ️· Operating Temperature: -65 to +165 deg C

    ## Applications
    ️· General Purpose Test
    ️· Rack and Panel Mount

    # PE4488 N Female Bulkhead Connector

    ## Configuration
    ️· Connector Type: N Female
    ️· Mounting: Bulkhead
    ️· Impedance: 50 Ohms
    ️· Termination: Solder Cup
    ️· Body Geometry: Straight

    ## Features
    ️· Max Frequency: 11 GHz
    ️· VSWR: 1.5:1
    ️· Contact Material: Brass with 50 µin minimum gold plating

    ## Electrical Specifications
    ️· Frequency Range: DC to 11 GHz
    ️· Operating Voltage: 1,000 V rms

    ## Mechanical Specifications
    ️· Length: 1.134 in [28.8 mm]
    ️· Diameter: 0.63 in [16.00 mm]
    ️· Weight: 0.055 lbs [24.95 g]

    ## Material Specifications
    ️· Contact: Brass with Gold Plating
    ️· Insulation: PTFE
    ️· Body: Brass with Nickel Plating (100 µin minimum)

    ## Environmental Specifications
    ️· Operating Temperature: -65 to +165 deg C

    ## Applications
    ️· General Purpose Test
    ️· Rack and Panel Mount

    Part No.PE4488_16
    ManufacturerPASTERNACK
    Size346 Kbytes
    Pages3 pages
    DescriptionN Female Bulkhead Mount Connector Solder Attachment