MHO 48FAG-R
AI

The **MHO 48FAG-R** is an **Electromechanical Power Relay** manufactured by **Song Chuan**. It is widely used in automotive electronics, industrial control systems, and power management due to its high switching capacity and compact design.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Relay Type** | Power Relay (Electromechanical) |
| **Coil Voltage** | 48V DC |
| **Contact Configuration** | 1 Form A (SPST-NO - Normally Open) |
| **Max Switching Current** | 30A (typically) |
| **Termination Style** | PCB Mount / Through-Hole |
| **Enclosure Type** | Flux Tight / Sealed |
---
### 2. Component Breakdown
#### A. The Coil (Input Side)
* **Voltage:** The "48" in the part number indicates a **48V DC** nominal coil voltage. It requires this specific voltage to energize the internal electromagnet.
* **Sensitivity:** Designed for low power consumption while maintaining enough magnetic force to move the heavy-duty contacts.
#### B. The Contacts (Output Side)
* **Material:** Usually silver alloy (AgSnO2), which provides excellent resistance to "welding" and electrical erosion under high-load switching.
* **Function:** It acts as a switch for high-current circuits. When the 48V coil is energized, the "Normally Open" contact closes, completing the circuit for the load.
#### C. The Housing (R-Suffix)
* **Protection:** The "R" suffix often denotes the specific sealing or protection class (such as "Resin Sealed" or "Dust Protected"). This makes the relay suitable for harsh environments where moisture or debris might interfere with mechanical movement.
---
### 3. Part Number Decoder (MHO Series)
To understand the specific variant, the part number can be broken down as follows:
1. **MHO:** Series Name (Miniature High Power Relay).
2. **48:** Coil Voltage (48 Volts DC).
3. **F:** Contact Rating/Form (Often indicates the high-capacity version).
4. **A:** Contact Arrangement (Form A = Normally Open).
5. **G:** Contact Material (Often indicates Gold plating or a specific silver alloy).
6. **R:** Protective Construction (Sealed/Vented).
---
### 4. Typical Applications
* **Telecommunications:** Power distribution for 48V DC infrastructure.
* **Automotive/EV:** Charging stations or battery management systems.
* **Industrial Automation:** Control of motors, heaters, and heavy solenoids.
* **Solar Inverters:** Switching DC power from battery banks.
---
- ⤷
What is the maximum power consumption of the 48V coil in the MHO series?
- ⤷ Are there pin-compatible alternatives to the MHO 48FAG-R from other manufacturers?
- ⤷ What is the difference between Form A and Form C contact configurations for this relay?