công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHO 44TAAG-R

  • AI
    The **MHO 44TAAG-R** is a high-precision, surface-mount (SMD) **TCXO (Temperature Compensated Crystal Oscillator)**. These components are critical in electronics for providing a stable clock frequency regardless of temperature fluctuations. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the MHO series by manufacturers like *MtronPTI*, here are the typical technical parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Package Type** | SMD (Surface Mount Device) | | **Frequency Range** | Typically 10MHz to 52MHz (Specific to sub-model) | | **Supply Voltage** | 3.3V (Common for the 44 series) | | **Output Type** | Clipped Sine Wave or CMOS | | **Stability** | ±0.5ppm to ±2.5ppm (Over temp range) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Breakdown of the Part Number While naming conventions can vary slightly by manufacturer, the code generally breaks down as follows: * **MHO**: Series identifier (High-stability miniature TCXO). * **44**: Physical package size (e.g., 5.0 x 3.2 mm or 7.0 x 5.0 mm depending on the generation). * **T**: Denotes Temperature Compensation functionality. * **AA**: Internal code for specific voltage and frequency stability tiers. * **G**: Often represents the operating temperature range (e.g., Industrial -40 to +85°C). * **-R**: RoHS Compliant (Lead-free). --- ### 3. Internal Components & Working Principle A TCXO like the MHO 44TAAG-R consists of several internal electronic stages: 1. **Quartz Crystal Resonator**: The heart of the component that vibrates at a specific frequency. 2. **Compensation Network**: A temperature sensor (thermistor) combined with a compensation circuit that adjusts the load capacitance. 3. **Varactor Diode**: Acts as a variable capacitor to "pull" the crystal frequency back to its target value as temperature changes. 4. **Oscillator IC**: The active circuitry that maintains the vibration and provides the output buffer. --- ### 4. Common Applications Due to its high stability, this part is found in: * **GPS/GNSS Receivers**: Requires precise timing to calculate position. * **Wireless Communication**: LTE, Wi-Fi, and Bluetooth modules. * **Base Stations**: Ensuring synchronized data transmission. * **IoT Devices**: Where low power consumption and small footprint are required.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the 44 series TCXO?
    • ⤷ How does a TCXO differ from a standard XO in terms of power consumption?
    • ⤷ Can you explain the difference between Clipped Sine Wave and CMOS output for this part?