công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • GSA 750-R

  • AI
    The **GSA 750-R** is a popular reciprocating saw (saber saw) manufactured by Bosch, designed primarily for entry-level professional use. Its electronic and electrical system is engineered for durability and basic motor control. ### Core Electronic & Electrical Components The following table breaks down the primary electrical parts found within the tool: | Component | Function | Characteristics | | :--- | :--- | :--- | | **Universal Motor** | Power Source | High-torque brushed AC motor (approx. 750W). | | **Carbon Brushes** | Current Transfer | Conducts electricity to the rotating armature; replaceable wear item. | | **Trigger Switch** | Variable Speed Control | Controls ON/OFF state and regulates speed via finger pressure. | | **Interference Suppressor** | Noise Filtering | A capacitor (RC unit) that prevents electromagnetic interference (EMI). | | **Armature & Stator** | Electromagnets | The rotating and stationary copper-wound coils that create the magnetic field. | | **Power Cord** | Energy Input | Heavy-duty rubberized cable designed for job site flexibility. | --- ### Key Technical Systems #### 1. Variable Speed Electronics The trigger switch is not a simple binary contact. It contains a **Potentiometer** and a **TRIAC** (Triode for Alternating Current) circuit. As you pull the trigger further: * The resistance changes. * The TRIAC "chops" the AC sine wave to limit the voltage reaching the motor. * This allows for "soft starts," which are crucial for accuracy when starting a cut in metal or wood. #### 2. EMI Suppression Inside the handle, near the power cord entry, there is a small rectangular capacitor. This is essential for: * Protecting nearby electronics from the "sparking" noise generated by the carbon brushes. * Ensuring compliance with CE/regulatory standards regarding radio frequency interference. #### 3. Motor Protection While the GSA 750-R lacks advanced digital sensors found in "brushless" or "smart" tools, it utilizes high-grade **Enamelled Copper Wire** in its windings. This insulation is rated to withstand high temperatures generated during continuous heavy-duty cutting, preventing short circuits. --- ### Maintenance & Safety Specs | Specification | Value | | :--- | :--- | | **Rated Input Power** | 750 W | | **Voltage** | 220V - 240V (Region dependent) | | **Stroke Rate at No Load** | 0 – 2,700 spm | | **Insulation Class** | Class II (Double Insulated) | ---
    ✨ Follow-up Questions
    • ⤷How do I test if the trigger switch or the carbon brushes are faulty?
    • ⤷ What are the symptoms of a failing interference suppressor capacitor?
    • ⤷ Is it possible to upgrade the GSA 750-R to a brushless motor?