công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • GSA 2.5-R

  • AI
    The **GSA 2.5-R** typically refers to a high-speed, subminiature ceramic fuse, often used in telecommunications, power supplies, and industrial equipment. Below is a breakdown of its electronic specifications and characteristics. --- ## 1. Technical Specifications The "GSA" series is generally characterized by its **Slow-Blow (Time-Delay)** function and its physical form factor. | Parameter | Specification | | :--- | :--- | | **Current Rating** | 2.5 Amps | | **Voltage Rating** | 250V AC | | **Fuse Type** | Slow-Blow (Time-Delay) | | **Body Material** | Ceramic | | **Termination Style** | Cartridge (Axial leaded or Ferrule) | | **Interrupting Rating** | 100A @ 250V AC | --- ## 2. Key Component Features ### A. Slow-Blow (Time-Delay) Characteristic Unlike "Fast-Acting" fuses, the GSA 2.5-R is designed to withstand temporary **inrush currents**. This is critical for circuits involving: * Capacitors charging up. * Small motor startups. * Transformers. It will only "blow" if a sustained overcurrent occurs or a massive short circuit happens. ### B. Ceramic Body Construction The use of ceramic rather than glass provides: * **Higher Breaking Capacity:** Ceramic can withstand higher internal pressures during a high-current fault without shattering. * **Thermal Stability:** It handles higher ambient temperatures more effectively than glass. ### C. The "R" Suffix In most electronic component labeling (like Bel Fuse), the **"R"** stands for **RoHS Compliant**. This indicates the part is manufactured without lead, mercury, cadmium, or other hazardous substances restricted by international standards. --- ## 3. Common Applications Due to its 2.5A rating and slow-blow nature, you will find this part in: 1. **AC/DC Adapters:** Protecting the primary side of the power circuit. 2. **Industrial Controllers:** Where electromagnetic interference might cause minor spikes. 3. **LED Drivers:** Managing the initial surge when the lights are switched on. --- ## 4. Safety and Standards The GSA 2.5-R is typically certified by international safety agencies to ensure it fails safely under fault conditions: * **UL/CSA:** Standard for North American safety. * **PSE/VDE:** Often certified for European or Japanese markets depending on the specific manufacturer.
    ✨ Follow-up Questions
    • ⤷ What is the difference between GSA and GMA series fuses?
    • ⤷ How do I test a GSA 2.5-R fuse using a multimeter?
    • ⤷ Can I replace a GSA 2.5-R with a fast-acting fuse of the same amperage?