3AG 8-R
AI

### Overview of the 3AG 8-R
The **3AG 8-R** is a specific model of an electrical fuse. In the world of electronic components, "3AG" refers to the physical size and shape of the fuse, while the "8-R" typically denotes the amperage rating and compliance standards.
---
### 1. Technical Specifications
The table below summarizes the core attributes of a standard 3AG 8-R fuse (commonly manufactured by brands like Littelfuse or Bel Fuse).
| Property | Specification |
| :--- | :--- |
| **Fuse Type** | Glass Body / Cartridge |
| **Physical Size** | 1/4" x 1-1/4" (6.3mm x 32mm) |
| **Current Rating** | 8 Amperes |
| **Voltage Rating** | Typically 250V AC |
| **Response Characteristic** | Fast-Acting (F) |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Breakdown of the Component Name
Understanding the nomenclature helps in identifying replacement parts:
* **3AG:** This is a legacy North American designation. It stands for "Size 3 Automotive Glass." Despite the name, they are used in a vast array of industrial and consumer electronics, not just cars.
* **8:** This represents the **Continuous Current Rating**. The fuse is designed to carry 8 amps indefinitely without blowing.
* **-R:** In modern component labeling, this usually signifies **RoHS Compliance**, meaning the part is manufactured without lead or other hazardous substances.
---
### 3. Construction and Use
#### Physical Build
* **Body:** Transparent glass tube, allowing for easy visual inspection to see if the internal filament has melted.
* **End Caps:** Nickel-plated brass for high conductivity and corrosion resistance.
* **Filament:** A calibrated wire or strip designed to melt when the current exceeds 8A for a specific duration.
#### Common Applications
* Power supplies and chargers.
* Amplifiers and audio equipment.
* Industrial control panels.
* Older automotive accessory circuits.
---
### 4. Safety Considerations
> **Warning:** Never replace an 8-R fuse with a higher amperage fuse (e.g., 10A or 15A). Doing so removes the protection for your circuit and can lead to electrical fires or permanent damage to the device.
- ⤷
What is the difference between a Fast-Acting and a Time-Delay 3AG fuse?
- ⤷ How do I test if a 3AG 8-R fuse is blown using a multimeter?
- ⤷ Are there ceramic versions of the 3AG size
- ⤷ and when should they be used?